Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments TNETA1585 Datasheet HTML 17Page - Texas Instruments TNETA1585 Datasheet HTML 18Page - Texas Instruments TNETA1585 Datasheet HTML 19Page - Texas Instruments TNETA1585 Datasheet HTML 20Page - Texas Instruments TNETA1585 Datasheet HTML 21Page - Texas Instruments TNETA1585 Datasheet HTML 22Page - Texas Instruments TNETA1585 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC(5V) (see Note 1)
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, standard TTL, VI
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, 5-V tolerant TTL, VI
VCC(5V) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, standard TTL, VO
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, 5-V tolerant TTL, VO
5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, TTL, IIK (VI < 0 or VI > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 3)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the GND terminals.
2. Applies for external input and bidirectional buffers without hysteresis. VI > VCC does not apply to fail-safe terminals. Use V > VCC(5V)
for 5-V tolerant terminals.
3. Applies for external output and bidirectional buffers. VO > VCC does not apply to fail-safe terminals. Use VO >VCC(5V)for 5-Vtolerant
terminals.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
Commercial
3
3.3
3.6
V
VCC(5V)
Supply voltage, 5-V tolerant TTL
Commercial
4.5
5
5.5
V
VI
Input voltage
TTL
0
VCC
V
VI
Input voltage
5-V tolerant TTL
0
VCC(5V)
V
VO
Output voltage
TTL
0
VCC
V
VO
Output voltage
5-V tolerant TTL‡
0
VCC
V
VIH
High level input voltage
TTL
2
VCC
V
VIH
High-level input voltage
5-V tolerant TTL
2
VCC(5V)
V
VIL
Low level input voltage
TTL
0
0.8
V
VIL
Low-level input voltage
5-V tolerant TTL
0
0.8
V
TA
Operating free-air temperature
0
70
°C
‡ VCC must be applied to drive the output to a high-impedance state (Z) for 5-V tolerant operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com