Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments TNETA1585 Datasheet HTML 14Page - Texas Instruments TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments TNETA1585 Datasheet HTML 17Page - Texas Instruments TNETA1585 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETA1585-to-TNETA1575 interconnection
Figure 1 shows the interconnection of the TNETA1575 SAR and the TNETA1585 traffic management scheduler.
CTRL
AD
TNETA1575
SAR
8
SRAM
64K
× 32 or
32K
× 32
TNETA1585
Traffic Management
Scheduler
SCDATA(31–0)
SCAD(5–0)
SCOE
SCWE
SCSEL
RESET
INTR
TCCX
RCCX
DAX
COPFULL
Control Memory
Parameter Memory
SRAM
64K
× 32 or
32K
× 32
Figure 1. TNETA1585 Interconnection to TNETA1575
receive-UTOPIA interface
The TNETA1585 receives ATM cells through a receive-UTOPIA level-1 interface with cell-level handshake only.
This interface is configurable as either an 8-bit PHY or ATM interface. The ATM mode is chosen when the
TNETA1585 interfaces with a framer (such as the TNETA1500). The PHY mode is chosen when the
TNETA1585 interfaces with a switch port. The operation of this dual PHY/ATM interface requires connection
of the UTOPIA signals to the appropriate input terminals of the TNETA1585.
In both modes, the receive UTOPIA interface on the TNETA1585 monitors only, i.e., the device does not actively
participate in the UTOPIA protocol. If the system is to work correctly, a fully compliant UTOPIA-peer device is
required. This interface is designed so that the TNETA1585 could be connected as a peer to the TNETA1575,
which are both then connected to an ATM (e.g., switch port) or PHY device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com