Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments TNETA1585 Datasheet HTML 14Page - Texas Instruments TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments TNETA1585 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitted-cell-indication interface (TCCX) (continued)
Bit 1 (send acknowledge). This bit indicates whether the SAR will send a cell. The bit is encoded as follows:
BIT 1
INDICATION
0
Cell will not be sent.
1
Cell will be sent.
Bit 0 (framing). This bit is set to a 1 to denote the start of a frame.
The frame is transmitted to the coprocessor through the TCCX terminal starting with bit 0. When a frame is not
actively being transmitted, the TCCX terminal is driven to a 0.
data-availability interface (DAX)
A single-bit interface allows the TNETA1575 to signal to the TNETA1585 when data is available or unavailable
on a particular channel. A 13-bit frame is sent to the TNETA1585 for a particular channel only when its
data-availability status changes (i.e., when the host writes to the transmit-queue register to notify the
TNETA1575 that a packet has been queued, or if the TNETA1575 completes segmentation of the last packet
on a particular channel). The frame is formatted as follows:
Channel number (12–2)
Data available/unavailable (1)
Framing (0)
Bits 12–2 (channel number). These bits indicate which one of the 2K channels has available or unavailable data.
Bit 1 (data available/unavailable). This field indicates the new status of the segmentation queue for the given
channel number. This field is encoded as follows:
BIT 1
INDICATION
0
All data has been segmented (data unavailable).
1
New data has been added (data available).
Bit 0 (framing). This bit is set to a 1 to denote the start of a frame.
The frame is transmitted to the TNETA1585 through the DAX terminal starting with bit 0. When a frame is not
actively being transmitted, the DAX terminal is driven to a 0.
COP full-indication interface (COPFULL)
A single-bit interface allows the TNETA1585 to signal to the TNETA1575 the status of the TNETA1585’s
receive-UTOPIA-interface FIFO. When in ATM mode (CONFIG = 0), this output goes high when the
receive-UTOPIA-interface FIFO is full. When in PHY mode (CONFIG = 1), this output goes high when the FIFO
is within four bytes of being full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com