Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 12Page - Texas Instruments TLC320AD56 Datasheet HTML 13Page - Texas Instruments TLC320AD56 Datasheet HTML 14Page - Texas Instruments TLC320AD56 Datasheet HTML 15Page - Texas Instruments TLC320AD56 Datasheet HTML 16Page - Texas Instruments TLC320AD56 Datasheet HTML 17Page - Texas Instruments TLC320AD56 Datasheet HTML 18Page - Texas Instruments TLC320AD56 Datasheet HTML 19Page - Texas Instruments TLC320AD56 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
2–2
DOUT is released from the high-impedance state on the falling edge of the primary or secondary frame-sync
interval. In addition, each register can be read back during DOUT secondary communications by setting the
read bit D13 to 1 in the appropriate register. When the register is in the read mode, no data can be written
to the register during this cycle. To return this register to the write mode requires a subsequent secondary
communication.
2.1.6
Sigma-Delta ADC
The sigma-delta ADC is a fourth-order sigma-delta modulator with 64 times oversampling. The ADC
provides high resolution and low noise performance using oversampling techniques.
2.1.7
Decimation Filter
The decimation filter reduces the digital data rate to the sampling rate. This is accomplished by decimating
with a ratio of 1:64. The output of this filter is a sixteen-bit 2’s-complement data word clocking at the sample
rate selected.
NOTE
The sample rate is determined through a relationship of MCLK/512.
2.1.8
Sigma-Delta DAC
The sigma-delta DAC is a fourth-order sigma-delta modulator with 64 times oversampling. The DAC
provides high-resolution, low-noise performance from a 1-bit converter using oversampling techniques. The
TLC320AD56C is a current-output DAC and requires a load resistor for current-to-voltage conversion (see
Figures 3–7 and 3–8).
2.1.9
Interpolation Filter
The interpolation filter resamples the digital data at a rate of 64 times the incoming sample rate. The
high-speed data output from this filter is then used in the sigma-delta DAC.
2.1.10
Digital Loopback
The digital loopback provides a means of testing the ADC/DAC channels and can be used for in-circuit
system-level tests. The loopback feeds the ADC output to the DAC input on the IC.
Digital loopback is enabled by setting the appropriate bit in Control 1 register (see Appendix A).
2.1.11
FIR Overflow Flag
The decimator FIR filter provides an overflow flag to the Control 2 register to indicate that the input to the
filter has exceeded the range of the internal filter calculations. When this bit is set in the register, it will remain
set until the register is read by the user. Reading this value will always reset the overflow flag.
2.2
Terminal Functions
The terminal functions are described in the following sections.
2.2.1
Reset and Power-Down Functions
2.2.1.1
Reset
The TLC320AD56C resets the internal counters and registers, including the programmed registers, in one
of two ways:
1.
By applying a low-going reset pulse to the reset terminal
2.
By writing to the programmable software reset bit (D07 in Control 1 register)
PWRDWN resets the counters only and preserves the programmed register contents. The PWRDWN
terminal must be kept low 20 ms after the power supplies have settled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com