Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 19Page - Texas Instruments TLC320AD56 Datasheet HTML 20Page - Texas Instruments TLC320AD56 Datasheet HTML 21Page - Texas Instruments TLC320AD56 Datasheet HTML 22Page - Texas Instruments TLC320AD56 Datasheet HTML 23Page - Texas Instruments TLC320AD56 Datasheet HTML 24Page - Texas Instruments TLC320AD56 Datasheet HTML 25Page - Texas Instruments TLC320AD56 Datasheet HTML 26Page - Texas Instruments TLC320AD56 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
3–3
3.2
Secondary Serial Communication
Secondary serial communication is used to read or write 16-bit words that program both the options and the
circuit configurations of the device. All register programming occurs during secondary communications. Two
primary and secondary communication cycles are required to program the two registers. When the default
value for a particular register is desired, then the user could omit addressing it during secondary
communication. The NOOP command addresses a pseudo-register, register 0, and no register
programming takes place during this secondary communication.
There are two methods for initiating secondary communications. They are 1) by asserting a high signal level
on FC, or 2) by asserting the LSB of the DIN 16-bit serial communication high while not in 16-bit mode (see
Control 1 register, bit 0).
Secondary
Request
16-Bit Mode
(Control 1 Register,
Bit 0)
FC
(Hardware)
(LSB of DIN)
Internal TLC320AD56C
Figure 3–2. Hardware and Software Ways to Make a Secondary Request
1.
Figures 3–3 and 3–4 show the two different ways FC requests secondary communication words
as well as the timing for FS, DOUT, DIN, and SCLK. The examples span two primary
communication frames. Figure 3–3 shows the use of hardware function control.
During a secondary communication, a register may be written to or read from. When writing a
value to a register, the DIN line contains the value to be written. The data returned on DOUT is
00H. When performing a read function, the DIN line may still provide data to be written to an
addressed register; however, the DOUT line contains the most recent value in the register
addressed by DIN.
In Figure 3–3, FC is clocked in and latched on the rising edge of frame sync (FS). This causes
the start of the secondary information 32 FCLKs after the start of the primary communication
frame. Read and write examples are shown for DIN and DOUT.
2.
Figure 3–4 shows the use of software function control.
The software request is typically used when the required resolution of the DAC channel is less
than 16 bits. Then the least significant bit (D0) can be used for the secondary requests as shown
in Table 3–2.
Table 3–2. Least Significant Bit Control Function
Control Bit D0
Control Bit Function
0
No operation (NOOP)
1
Secondary communication request
On the falling edge of the next FS, D15–D1 is input to DIN or D15–D0 is output to DOUT.
When a secondary communication request is made, FS goes low 32 FCLKs after the beginning of the
primary frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com