Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments TLC320AD56 Datasheet HTML 33Page - Texas Instruments TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments TLC320AD56 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
4–6
4.3.8
DAC Channel, DVDD = 5 V or 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic range
85
Interchannel isolation
108
dB
EG
Gain error, 0 dB
VO = 0 dB at 1020 Hz
±0.5
Idle channel
broad-band noise
See Note 8
70
150
µV rms
Idle channel
narrow-band noise
0 – 4 kHz,
See Note 8
2
20
µV rms
Channel delay
18/fs
s
VOO
Output offset voltage
at OUT (differential)
DIN = zero code
2
mV
VO
Analog output
voltage,
OUTP – OUTM
With internal
reference and
full-scale digital
input,
See Note 9
Differential
VPP
NOTES:
8. The conversion rate is 8 kHz; the out-of-band measurement is made from 4400 Hz to 3 MHz.
9. The digital input to the DAC channel at DIN is in 2’s complement format. The TLC320AD56C is a current
DAC and requires a load resistor for current-to-voltage conversion. This output voltage is across the load
resistor (see Figures 5–1 and 5–2).
4.3.9
Power Supplies, No Load (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD (
l
)
Power supply current ADC
Operating
18
25
mA
IDD (analog)
Power supply current, ADC
Power down
0.5
mA
IDD (di it l1) Power supply current digital
Operating
2
5
mA
IDD (digital1) Power supply current, digital
Power down
3
µA
IDD (di it l2)
Power supply current, digital,
Operating
1
mA
IDD (digital2)
y,
g
,
DVDD = 3.3 V
Power down
3
µA
PD
Power dissipation
Operating
100
150
mW
PD
Power dissi ation
Power down
2.5
5
mW
R(IGAIN)
9.6
 RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com