Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 26Page - Texas Instruments TLC320AD56 Datasheet HTML 27Page - Texas Instruments TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments TLC320AD56 Datasheet HTML 33Page - Texas Instruments TLC320AD56 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
4–4
4.3.4.5
ADC Signal-to-Distortion+Noise, DVDD = 3 V (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 1 dB
78
VI = – 3 dB
79
84
VI = – 6 dB
76
81
Total harmonic distortion + noise (THD+N)
VI = – 9 dB
73
78
dB
VI = – 40 dB
42
47
VI = – 65 dB
17
22
VAUX = – 9 dB
73
78
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output voltages are
referred to VDD /2.
4.3.5
ADC Channel
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(PP)
Peak-to-peak input voltage
6
V
Dynamic range
87
Interchannel isolation
110
dB
EG
Gain error
VI = – 1 dB at 1020 Hz
±0.3
EO(ADC)
ADC converter offset error
5
mV
CMRR
Common-mode rejection ratio at INM,
INP or AUXM, AUXP
VI = 0 dB at 1020 kHz
80
dB
Idle channel noise (on-chip reference)
30
75
µV rms
Ri
Input resistance
TA = 25°C
100
k
Ω
Channel delay
17/fs
s
4.3.6
DAC Path Filter, MCLK = 8.192 MHz, fs = 8 kHz (see Note 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
– 0.5
0.2
300 Hz to 3 kHz
– 0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
– 0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
– 3
dB
4 kHz
– 40
≥ 4.4 kHz
– 74
NOTE 6: The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The input signal is the
digital equivalent of a sine wave (digital full scale = 0 dB). The nominal differential DAC channel output with
this input condition is 6 VI(PP). The –1 dB pass band is 0 to 3400 Hz for an 8-kHz sample rate. This pass band
scales linearly with the sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com