Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 33 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments TLC320AD56 Datasheet HTML 33Page - Texas Instruments TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments TLC320AD56 Datasheet HTML 36Page - Texas Instruments TLC320AD56 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
4–7
4.3.10
Power-Supply Rejection (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD1
Supply-voltage rejection ratio, ADC channel,
DVDD
fi = 0 to 30 kHz
55
dB
VDD2
Supply-voltage rejection ratio, DAC channel,
DVDD
fi = 0 to 30 kHz
55
dB
VDD3
Supply-voltage rejection ratio, ADC channel,
AVDD
fi = 0 to 30 kHz
50
dB
VDD4
Supply-voltage rejection ratio, DAC channel,
Single ended,
fi = 0 to 30 kHz
50
dB
VDD4
yg
j
,
,
AVDD
Differential,
fi = 0 to 30 kHz
55
dB
† All typical values are at 25
°C.
NOTE 10: Power supply rejection measurements are made with both the ADC and the DAC channels idle and a 200-mV
peak-to-peak signal applied to the appropriate supply.
4.3.11
Timing Requirements (see Figure 3–1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td1
Delay time, SCLK
↑ to FS↓
0
td2
Delay time, SCLK
↑ to DOUT valid
20
tsu
DIN setup time before SCLK low
20
th
DIN hold time after SCLK high
CL = 20 pF
20
ten
Enable time, FS
↓ to DOUT valid
25
ns
tdis
Disable time, FS
↑ to DOUT Hi-Z
20
td3
Delay time, MCLK
↓ to SCLK↑
50
twH
Pulse duration, MCLK high
32
twL
Pulse duration, MCLK low
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com