Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 40 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments TLC320AD56 Datasheet HTML 36Page - Texas Instruments TLC320AD56 Datasheet HTML 37Page - Texas Instruments TLC320AD56 Datasheet HTML 38Page - Texas Instruments TLC320AD56 Datasheet HTML 39Page - Texas Instruments TLC320AD56 Datasheet HTML 40Page - Texas Instruments TLC320AD56 Datasheet HTML 41Page - Texas Instruments TLC320AD56 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
A–2
Table A–3. Control 2 Register
BITS
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
–
–
X
–
–
–
–
–
Decimator FIR overflow flag (valid only during read cycle)
–
–
–
X
–
–
–
–
FLAG 1 output value (valid only during read cycle)
–
–
–
–
X
–
–
–
FLAG 0 output value (valid only during read cycle)
–
–
–
–
–
1
–
–
Phone mode enabled
–
–
–
–
–
0
–
–
Phone mode disabled
X
X
–
–
–
–
X
X
Reserved
NOTES:
A. Default value: 00000000
B. X = do not care
Writing 0s to the reserved bits is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com