Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 38 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments TLC320AD56 Datasheet HTML 36Page - Texas Instruments TLC320AD56 Datasheet HTML 37Page - Texas Instruments TLC320AD56 Datasheet HTML 38Page - Texas Instruments TLC320AD56 Datasheet HTML 39Page - Texas Instruments TLC320AD56 Datasheet HTML 40Page - Texas Instruments TLC320AD56 Datasheet HTML 41Page - Texas Instruments TLC320AD56 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
5–2
_
+
+V
– V
AGND
+V
– V
_
+
AGND
AGND
2.5 V
INP (+)
INM (–)
VCOM(ADC)
OUTP (+)
IGAIN
0.1
µF
20 k
Ω
20 k
Ω
150 pF
10 k
Ω
1
µF
10 k
Ω
6.8 k
Ω
12 nF
8.2 nF
0.39 nF
VCOM(DAC)
27 k
Ω
(1%)
0.22
µF
10 k
Ω
38.4 k
Ω
+V
– V
_
+
AGND
AGND
OUTM (–)
1
µF
10 k
Ω
6.8 k
Ω
0.39 nF
10 k
Ω
38.4 k
Ω
12 nF
10 k
Ω
AGND
AGND
0.1
µF
AGND
TLC320AD56C
VI2(GND)
VI2(+)
VO(–)
_
+
+V
– V
AGND
20 k
Ω
20 k
Ω
150 pF
0.22
µF
VI1(GND)
VI1(–)
VO(+)
Figure 5–2. Application Schematic For Differential Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com