Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 26 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 22Page - Texas Instruments TLC320AD56 Datasheet HTML 23Page - Texas Instruments TLC320AD56 Datasheet HTML 24Page - Texas Instruments TLC320AD56 Datasheet HTML 25Page - Texas Instruments TLC320AD56 Datasheet HTML 26Page - Texas Instruments TLC320AD56 Datasheet HTML 27Page - Texas Instruments TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
3–6
3.3
Conversion Rate vs Serial Port
The SCLK frequency is set by the frequency of MCLK. There is a 2-stage clock divider that sets the SCLK
frequency as MCLK/4.
3.4
Phone Mode Control
Phone mode control is provided for applications that need hardware control and monitoring of external
events. By allowing the device to drive two FLAG terminals (set through the Control 2 register), the host
(DSP) is capable of system control through the same serial port that connects to the device. Along with this
control is the capability of monitoring the value of the ALT DATA terminal during a secondary communication
cycle. One application for this function is in monitoring RING DETECT or OFFHOOK DETECT from a phone
answering system. The two FLAG terminals allow response to these incoming control signals. Figure 3–6
shows the timing associated with this operating mode.
DOUT
(Secondary
Write)
Primary
Secondary
Primary
Secondary
Primary
ALT DATA
ALT DATA
DIN
Set FLAG0 = FLAG1 = 0
FLAG0,
FLAG1
DOUT
(Secondary
Read)
ALT DATA
Register
Data
8 SCLKs
1 SCLK MAX
Set FLAG0 = FLAG1 = 1
FS
Figure 3–5. Phone Mode Timing
DIN
(Secondary
Read)
8 Bits
DIN
(Secondary
Write)
8 Bits
R/W
Register Address
Do Not Care
Data to the
Register
Figure 3–6. Secondary DIN Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com