Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 18Page - Texas Instruments TLC320AD56 Datasheet HTML 19Page - Texas Instruments TLC320AD56 Datasheet HTML 20Page - Texas Instruments TLC320AD56 Datasheet HTML 21Page - Texas Instruments TLC320AD56 Datasheet HTML 22Page - Texas Instruments TLC320AD56 Datasheet HTML 23Page - Texas Instruments TLC320AD56 Datasheet HTML 24Page - Texas Instruments TLC320AD56 Datasheet HTML 25Page - Texas Instruments TLC320AD56 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
3–2
Figure 3–1 shows the timing relationship for SCLK, FS, DOUT and DIN in a primary communication. The
timing sequence for this operation is as follows:
1.
FS is brought low by the TLC320AD56C.
2.
One 16-bit word is transmitted from the ADC (DOUT) and one 16-bit word is received for the DAC
(DIN).
3.
FS is brought high by the TLC320AD56C signaling the end of the conversion.
D15
D14
...D2
D1
tdis
SCLK
FS
tsu
td1
ten
D0
D15
D14
...D2
D1
th
D0
DIN
DOUT
td2
In 16-Bit Mode:
MSB
tsu
D15
D14
...D2
D1
th
FC
DIN
In 16-Bit Mode:
MSB
LSB
LSB
td3
MCLK
0th
1st
2nd
14th
15th
16th
VIH
VIL
VOH
VOL
VOH
VOL
Figure 3–1. Primary Serial Communication Timing
When a secondary request is made through the LSB of the DAC data word (16-bit mode), the format in
Table 3–1 is used.
Table 3–1. Secondary Request Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
15-bit DAC
2’s-complement format
16-bit ADC
2’s-complement format
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com