Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 11Page - Texas Instruments TLC320AD56 Datasheet HTML 12Page - Texas Instruments TLC320AD56 Datasheet HTML 13Page - Texas Instruments TLC320AD56 Datasheet HTML 14Page - Texas Instruments TLC320AD56 Datasheet HTML 15Page - Texas Instruments TLC320AD56 Datasheet HTML 16Page - Texas Instruments TLC320AD56 Datasheet HTML 17Page - Texas Instruments TLC320AD56 Datasheet HTML 18Page - Texas Instruments TLC320AD56 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
2–1
2
Functional Description
2.1
Device Functions
The functions of the TLC320AD56C are described in the following sections.
2.1.1
Operating Frequencies
The sampling (conversion) frequency is derived from the master clock (MCLK) input by equation 1.
fs + Sampling (conversion) frequency +
MCLK
512
(1)
The inverse is the time between the falling edges of two successive primary frame synchronization signals
and is the conversion period.
2.1.2
ADC Signal Channel
To produce excellent common-mode rejection of unwanted signals, the analog signal is processed
differentially until it is converted to digital data.
The input signal is filtered and applied to the ADC input. The ADC converts the signal into discrete output
digital words in 2s-complement format, corresponding to the analog signal value at the sampling time. These
16-bit digital words, representing sampled values of the analog input signal, are clocked out of the serial port
during the frame-sync interval, (DOUT), one word for each primary communication interval. During
secondary communications, the data previously programmed into the registers can be read out with the
appropriate register address, and the read bit set to 1. When no register read is requested, all 16 bits are
0 in the secondary word.
2.1.3
DAC Signal Channel
DIN receives the 16-bit serial data word (2’s complement) from the host during the primary communications
interval and latches the data on the seventeenth rising edge of SCLK. The data are converted to an analog
current by the sigma-delta DAC comprised of a digital interpolation filter, and a digital 1-bit modulator. The
DACs differential outputs OUTP and OUTM are a current output-type, (which requires resistive loading 5k
Ω
maximum). These outputs are then connected to the external low pass filter, as shown in the application
schematics in Figure 3–7 and Figure 3–8 to complete the signal reconstruction. This filter can be
incorporated in the data access arrangement (DAA) for modem applications.
2.1.4
Serial Interface
The digital serial interface consists of the shift clock, the frame synchronization signal, the ADC-channel
data output, and the DAC-channel data input. During the primary 16-bit frame synchronization interval, the
SCLK transfers the ADC channel results from DOUT and transfers 16-bit DAC data into DIN.
During the secondary frame synchronization interval, the SCLK transfers the register read data from DOUT
when the read bit is set to a 1. In addition, the SCLK transfers control and device parameter information into
DIN. The functional sequence is shown in Figure 3–1.
2.1.5
Register Programming
All register programming occurs during secondary communications, and data is latched and valid on the
rising edge of the frame-sync signal. When the default value for a particular register is desired, that register
does not need to be addressed during the secondary communications. The no-op command addresses the
pseudo-register (register 0), and no register programming takes place during this communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com