Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 3Page - Texas Instruments TLC320AD56 Datasheet HTML 4Page - Texas Instruments TLC320AD56 Datasheet HTML 5Page - Texas Instruments TLC320AD56 Datasheet HTML 6Page - Texas Instruments TLC320AD56 Datasheet HTML 7Page - Texas Instruments TLC320AD56 Datasheet HTML 8Page - Texas Instruments TLC320AD56 Datasheet HTML 9Page - Texas Instruments TLC320AD56 Datasheet HTML 10Page - Texas Instruments TLC320AD56 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1–1
1 Introduction
The TLC320AD56C provides high resolution low-speed signal conversion from digital-to-analog (D/A) and
from analog-to-digital (A/D) using oversampling sigma-delta technology. This device consists of two serial
synchronous conversion paths (one for each data direction) and includes an interpolation filter before the
digital-to-analog converter (DAC) and a decimation filter after the analog-digital-converter (ADC) (see
Figure 1–1). Other overhead functions provide on-chip timing and control. The sigma-delta architecture
produces high resolution A/D and D/A conversion at low system speeds and low cost.
The options and the circuit configurations of this device can be programmed through the serial interface.
The options include reset, power-down, communications protocol, serial clock rate, and test mode as
outlined in Appendix A. The TLC320AD56C is characterized for operation from 0
°C to 70°C.
1.1
Features
The TLC320AD56C includes the following features:
•
Single 5-V power supply voltage or 5 V analog and 3 V digital supply voltages
•
Power dissipation (PD) of 150 mW maximum in the operating mode
•
Power-down mode to 2.5 mW typical
•
General-purpose 16-bit signal processing
•
2’s-complement data format
•
Typical dynamic range of 85 dB for the DAC and 87 dB for the ADC
•
Minimum 79-dB total signal-to-(noise + distortion) for the ADC
•
Minimum 80-dB total signal-to-(noise + distortion) for the DAC
•
Differential architecture throughout the device
•
Internal reference voltage (Vref)
•
Internal 64X oversampling
•
Serial port interface
•
Phone-mode output control
•
System test mode, digital loopback test mode
•
Capable of supporting all V.34 sample rates by varying MCLK frequency
•
Supports business audio applications
•
Variable conversion rate selected as MCLK/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com