Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 27Page - Texas Instruments TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments TLC320AD56 Datasheet HTML 33Page - Texas Instruments TLC320AD56 Datasheet HTML 34Page - Texas Instruments TLC320AD56 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
4–5
4.3.7
DAC Dynamic Performance, DVDD = 5 V or 3 V
4.3.7.1
DAC Signal-to-Noise (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = 0 dB
80
85
Signal to noise ratio (SNR)
VO = – 9 dB
72
77
dB
Signal-to-noise ratio (SNR)
VO = – 40 dB
41
46
dB
VO = – 65 dB
16
21
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test
is measured at the output of a single pole RC filter with a cutoff frequency of 32 kHz. The test is conducted in
16-bit mode.
4.3.7.2
DAC Signal-to- Distortion (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = 0 dB
86
92
Signal to total harmonic distortion (THD)
VO = – 9 dB
90
96
dB
Signal-to-total harmonic distortion (THD)
VO = – 40 dB
60
66
dB
VO = – 65 dB
40
46
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test
is measured at the output of a single pole RC filter with a cutoff frequency of 32 kHz. The test is conducted in
16-bit mode.
4.3.7.3
DAC Signal-to- Distortion+Noise (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO = 0 dB
80
84
Total harmonic distortion + noise (THD+N)
VO = – 9 dB
72
76
dB
Total harmonic distortion + noise (THD+N)
VO = – 40 dB
41
45
dB
VO = – 65 dB
16
20
NOTE 7: The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate. The test
is measured at the output of a single pole RC filter with a cutoff frequency of 32 kHz. The test is conducted in
16-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com