Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD56 Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 25Page - Texas Instruments TLC320AD56 Datasheet HTML 26Page - Texas Instruments TLC320AD56 Datasheet HTML 27Page - Texas Instruments TLC320AD56 Datasheet HTML 28Page - Texas Instruments TLC320AD56 Datasheet HTML 29Page - Texas Instruments TLC320AD56 Datasheet HTML 30Page - Texas Instruments TLC320AD56 Datasheet HTML 31Page - Texas Instruments TLC320AD56 Datasheet HTML 32Page - Texas Instruments TLC320AD56 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
4–3
4.3.4.2
ADC Signal-to-Distortion (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 1 dB
78
VI = – 3 dB
74
79
VI = – 6 dB
77
82
Signal-to-total harmonic distortion (THD)
VI = – 9 dB
80
85
dB
VI = – 40 dB
65
70
VI = – 65 dB
42
47
VAUX = – 9 dB
80
85
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output voltages are
referred to VDD /2.
4.3.4.3
ADC Signal-to-Distortion, DVDD = 3 V (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 1 dB
79
VI = – 3 dB
90
95
VI = – 6 dB
92
100
Signal-to-total harmonic distortion (THD)
VI = – 9 dB
94
103
dB
VI = – 40 dB
68
76
VI = – 65 dB
42
52
VAUX = – 9 dB
94
103
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output voltages are
referred to VDD /2.
4.3.4.4
ADC Signal-to-Distortion+Noise (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = – 1 dB
77
VI = – 3 dB
73
78
VI = – 6 dB
73
78
Total harmonic distortion + noise (THD+N)
VI = – 9 dB
72
77
dB
VI = – 40 dB
41
46
VI = – 65 dB
16
21
VAUX = – 9 dB
72
77
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output voltages are
referred to VDD /2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com