Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 49Page - STMicroelectronics STA369BW Datasheet HTML 50Page - STMicroelectronics STA369BW Datasheet HTML 51Page - STMicroelectronics STA369BW Datasheet HTML 52Page - STMicroelectronics STA369BW Datasheet HTML 53Page - STMicroelectronics STA369BW Datasheet HTML 54Page - STMicroelectronics STA369BW Datasheet HTML 55Page - STMicroelectronics STA369BW Datasheet HTML 56Page - STMicroelectronics STA369BW Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
53/88
7.8
Audio preset registers (addr 0x0B and 0x0C)
7.8.1
Audio preset register 1 (addr 0x0B)
Using AMGC[3:0] bits, attack and release thresholds and rates are automatically configured
to properly fit application specific configurations. AMGC[3:2] is defined in register EQ
coefficients and DRC configuration register (addr 0x31) on page 71.
The AMGC[1:0] bits behave in two different ways depending on the value of AMGC[3:2].
When this value is 00, then bits AMGC[1:0] are defined as in Table 54.
Table 53.
Channel volume as a function of CxV[7:0]
CxV[7:0]
Volume
00000000 (0x00)
+48 dB
00000001 (0x01)
+47.5 dB
00000010 (0x02)
+47 dB
……
01011111 (0x5F)
+0.5 dB
01100000 (0x60)
0 dB
01100001 (0x61)
-0.5 dB
……
11010111 (0xD7)
-59.5 dB
11011000 (0xD8)
-60 dB
11011001 (0xD9)
-61 dB
11011010 (0xDA)
-62 dB
……
11101100 (0xEC)
-80 dB
11101101 (0xED)
Hard channel mute
……
11111111 (0xFF)
Hard channel mute
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
AMGC[1]
AMGC[0]
Reserved
Reserved
Reserved
Reserved
00
00
00
0
0
Table 54.
Audio preset gain compression/limiters selection for AMGC[3:2] = 00
AMGC[1:0]
Mode
00
User-programmable GC
01
AC no clipping 2.1
10
AC limited clipping (10%) 2.1
11
DRC nighttime listening mode 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com