Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics STA369BW Datasheet HTML 76Page - STMicroelectronics STA369BW Datasheet HTML 77Page - STMicroelectronics STA369BW Datasheet HTML 78Page - STMicroelectronics STA369BW Datasheet HTML 79Page - STMicroelectronics STA369BW Datasheet HTML 80Page - STMicroelectronics STA369BW Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
77/88
7.21
Extra volume resolution configuration registers (address
0x3F)
The extra volume resolution allows fine volume tuning by steps of 0.125dB.
The feature is enabled when VRESEN=1, as depicted in Figure 31. The overall channel
volume in this case will be CxVol+CxVR (in dB). On top of the total volume range from
-80 dB to +48 dB, this extra volume resolution works in a volume range from -80 dB to +42
dB. For volumes greater than +42 dB, this function must not be selected.
Figure 31.
Extra resolution volume scheme
If VRESEN = 0, the channel volume will be defined only by the CxVol registers.
Fine-tuning steps can be set according to the following table for channels 1, 2, 3:
D7
D6
D5
D4
D3
D2
D1
D0
VRESEN
VRESTG
C3VR[1]
C3VR[0]
C2VR[1]
C2VR[0]
C1VR[1]
C1VR[0]
00
0
0
0
0
0
0
CxVR
Mode
00
0 dB
01
-0.125dB
10
-0.25dB
11
-0.375dB
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1
AM045196v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com