Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 72Page - STMicroelectronics STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics STA369BW Datasheet HTML 76Page - STMicroelectronics STA369BW Datasheet HTML 77Page - STMicroelectronics STA369BW Datasheet HTML 78Page - STMicroelectronics STA369BW Datasheet HTML 79Page - STMicroelectronics STA369BW Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Register description
STA369BW
76/88
Doc ID 022033 Rev 1
When SVUPE = 1 the fade-in rate is defined by the SVUP[4:0] bits according to the following
formula:
Fade-in rate = 48 / (N + 1) dB/ms
where N is the SVUP[4:0] value.
When SVDWE = 1 the fade-out rate is defined by the SVDW[4:0] bits according to the
following formula:
Fade-in rate = 48 / (N + 1) dB/ms
where N is the SVDW[4:0] value.
Note:
For fade-out rates greater than 6 dB/msec it is suggested to disable the CPWMEN bit
(Section 7.24.4 ) and ZCE bit (Section 7.5.7) in order to avoid any audible pop noise.
7.20
DRC RMS filter coefficients (addr 0x39-0x3E)
Signal level detection in DRC algorithm is computed using the following formula:
y(t) = c0 * abs(x(t)) + c1 * y(t-1)
where x(t) represents the audio signal applied to the limiter, and y(t) the measured level.
SVDWE
Mode
0
When volume is decreased, use the default rate
1
When volume is decreased, use the rates defined by SVDW[4:0]
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[23]
R_C0[22]
R_C0[21]
R_C0[20]
R_C0[19]
R_C0[18]
R_C0[17]
R_C0[16]
00
00
00
0
1
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[15]
R_C0[14]
R_C0[13]
R_C0[12]
R_C0[11]
R_C0[10]
R_C0[9]
R_C0[8]
11
10
11
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R_C0[7]
R_C0[6]
R_C0[5]
R_C0[4]
R_C0[3]
R_C0[2]
R_C0[1]
R_C0[0]
11
11
11
1
1
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[23]
R_C1[22]
R_C1[21]
R_C1[20]
R_C1[19]
R_C1[18]
R_C1[17]
R_C1[16]
01
11
11
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[15]
R_C1[14]
R_C1[13]
R_C1[12]
R_C1[11]
R_C1[10]
R_C1[9]
R_C1[8]
11
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
R_C1[7]
R_C1[6]
R_C1[5]
R_C1[4]
R_C1[3]
R_C1[2]
R_C1[1]
R_C1[0]
00
10
01
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com