Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 38Page - STMicroelectronics STA369BW Datasheet HTML 39Page - STMicroelectronics STA369BW Datasheet HTML 40Page - STMicroelectronics STA369BW Datasheet HTML 41Page - STMicroelectronics STA369BW Datasheet HTML 42Page - STMicroelectronics STA369BW Datasheet HTML 43Page - STMicroelectronics STA369BW Datasheet HTML 44Page - STMicroelectronics STA369BW Datasheet HTML 45Page - STMicroelectronics STA369BW Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Register description
STA369BW
42/88
Doc ID 022033 Rev 1
7.4.7
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
filter. If any channel receives 2048 consecutive zero value samples (regardless of fs) then
that individual channel is muted if this function is enabled.
7.4.8
Submix mode enable
7.5
Configuration register E (addr 0x04)
7.5.1
Max power correction variable
7.5.2
Max power correction
Setting the MPC bit turns on special processing that corrects the STA369BW power device
at high power. This mode should lower the THD+N of a full FFX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1,0] = 01) and binary. When OCFG = 00, MPC will not effect channels 3 and 4, the line-
out channels.
Table 33.
Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
Setting of 1 enables the automatic zero-detect mute
Table 34.
Submix mode enable
Bit
R/W
RST
Name
Description
7R/W
0
SME
0: Submix into left/right disabled
1: Submix into left/right enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
11
00
00
1
0
Table 35.
Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
0
MPCV
0: Use standard MPC coefficient
1: Use MPCC bits for MPC coefficient
Table 36.
Max power correction
Bit
R/W
RST
Name
Description
1R/W
1
MPC
Setting of 1 enables power bridge correction for THD
reduction near maximum power output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com