Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 10Page - STMicroelectronics STA369BW Datasheet HTML 11Page - STMicroelectronics STA369BW Datasheet HTML 12Page - STMicroelectronics STA369BW Datasheet HTML 13Page - STMicroelectronics STA369BW Datasheet HTML 14Page - STMicroelectronics STA369BW Datasheet HTML 15Page - STMicroelectronics STA369BW Datasheet HTML 16Page - STMicroelectronics STA369BW Datasheet HTML 17Page - STMicroelectronics STA369BW Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Electrical specifications
STA369BW
14/88
Doc ID 022033 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3 above may cause
permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated under
“Recommended operating conditions” are not implied.
Exposure to AMR conditions for extended periods may affect
device reliability. In the real application, power supplies with
nominal values rated within the recommended operating
conditions, may rise beyond the maximum operating
conditions for a short time when no or very low current is
sunk (amplifier in mute state). In this case the reliability of the
device is guaranteed, provided that the absolute maximum
ratings are not exceeded.
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
-0.3
30
V
VDD_DIG Digital supply voltage
-0.3
4
V
VDD_PLL PLL supply voltage
-0.3
4
Top
Operating junction temperature
-20
150
°C
Tstg
Storage temperature
-40
150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case (thermal pad)
1.5
°C/W
Tth-sdj
Thermal shutdown junction temperature
150
°C
Tth-w
Thermal warning temperature
130
°C
Tth-sdh
Thermal shutdown hysteresis
20
°C
Rth j-amb
Thermal resistance junction-ambient (1)
1.
See Section 9: Package thermal characteristics on page 84 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com