Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 8Page - STMicroelectronics STA369BW Datasheet HTML 9Page - STMicroelectronics STA369BW Datasheet HTML 10Page - STMicroelectronics STA369BW Datasheet HTML 11Page - STMicroelectronics STA369BW Datasheet HTML 12Page - STMicroelectronics STA369BW Datasheet HTML 13Page - STMicroelectronics STA369BW Datasheet HTML 14Page - STMicroelectronics STA369BW Datasheet HTML 15Page - STMicroelectronics STA369BW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
Pin connections
STA369BW
12/88
Doc ID 022033 Rev 1
2
Pin connections
2.1
Connection diagram
Figure 2.
Pin connection PowerSSO-36 (top view)
2.2
Pin description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VDD_DIG
GND_DIG
SCL
SDA
INT_LINE
RESET
SDI
LRCKI
BICKI
XTI
GND_PLL
FILTER_PLL
VDD_PLL
PWRDN
GND_DIG
VDD_DIG
TWARN/OUT4A
EAPD/OUT4B
GND_SUB
SA
TEST_MODE
VSS
VCC_REG
OUT2B
GND2
VCC2
OUT2A
OUT1B
VCC1
GND1
OUT1A
GND_REG
VDD
CONFIG
OUT3B/FFX3B
OUT3A/FFX3A
D05AU1638
AM045168v1
Table 2.
Pin description
Pin
Type
Name
Description
1
GND
GND_SUB
Substrate ground
2I
SA
I2C select address (pull-down)
3
I
TEST_MODE
This pin must be connected to ground (pull-down)
4
I/O
VSS
Internal reference at Vcc-3.3 V
5
I/O
VCC_REG
Internal Vcc reference
6
O
OUT2B
Output half-bridge 2B
7
GND
GND2
Power negative supply
8
Power
VCC2
Power positive supply
9
O
OUT2A
Output half-bridge 2A
10
O
OUT1B
Output half-bridge 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com