Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 39Page - STMicroelectronics STA369BW Datasheet HTML 40Page - STMicroelectronics STA369BW Datasheet HTML 41Page - STMicroelectronics STA369BW Datasheet HTML 42Page - STMicroelectronics STA369BW Datasheet HTML 43Page - STMicroelectronics STA369BW Datasheet HTML 44Page - STMicroelectronics STA369BW Datasheet HTML 45Page - STMicroelectronics STA369BW Datasheet HTML 46Page - STMicroelectronics STA369BW Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
43/88
7.5.3
Noise-shaper bandwidth selection
7.5.4
AM mode enable
The STA369BW features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an active AM tuner. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
7.5.5
PWM speed mode
7.5.6
Distortion compensation variable enable
7.5.7
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings, no clicks are audible.
Table 37.
Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS
Table 38.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: Normal FFX operation.
1: AM reduction mode FFX operation
Table 39.
PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels
Table 40.
Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5R/W
0
DCCV
0: Use preset DC coefficient
1: Use DCC coefficient
Table 41.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: Volume adjustments only occur at digital zero-crossings
0: Volume adjustments occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com