Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 23Page - STMicroelectronics STA369BW Datasheet HTML 24Page - STMicroelectronics STA369BW Datasheet HTML 25Page - STMicroelectronics STA369BW Datasheet HTML 26Page - STMicroelectronics STA369BW Datasheet HTML 27Page - STMicroelectronics STA369BW Datasheet HTML 28Page - STMicroelectronics STA369BW Datasheet HTML 29Page - STMicroelectronics STA369BW Datasheet HTML 30Page - STMicroelectronics STA369BW Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
STA369BW
I2C bus specification
Doc ID 022033 Rev 1
27/88
6
I2C bus specification
The STA369BW supports the I2C protocol via the input ports SCL and SDA_IN (master to
slave) and the output port SDA_OUT (slave to master). This protocol defines any device that
sends data to the bus as a transmitter and any device that reads the data as a receiver. The
device that controls the data transfer is known as the master and the other as the slave. The
master always starts the transfer and provides data to the serial clock for synchronization.
The STA369BW is always a slave device in all of its communications. It supports up to
400 kb/sec rate (fast-mode bit rate). The STA369BW I2C is a slave-only interface. The I2C
interface works properly only in the case that the master clock generated by the PLL has a
frequency 10 times higher compared to the frequency of the applied SCL signal.
6.1
Communication protocol
6.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. An SDA transition
while the clock is high is used to identify a START or STOP condition.
6.1.2
Start condition
START is identified by a high-to-low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
6.1.3
Stop condition
STOP is identified by a low-to-high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
the STA369BW and the bus master.
6.1.4
Data input
During data input the STA369BW samples the SDA signal on the rising edge of clock SCL.
For correct device operation the SDA signal must be stable during the rising edge of the
clock and the data can change only when the SCL line is low.
6.2
Device addressing
To start communication between the master and the STA369BW, the master must initiate a
start condition. Following this, the master sends 8 bits (MSB first), corresponding to the
device select address and read or write mode, to the SDA line.
The seven most significant bits are the device address identifiers, corresponding to the I2C
bus definition. In the STA369BW the I2C interface has two device addresses depending on
the SA port configuration, 0x38 when SA = 0, and 0x3A when SA = 1.
The eighth bit (LSB) identifies the read or write operation RW. This bit is set to 1 in read
mode and to 0 for write mode. After a START condition the STA369BW identifies on the bus
the device address and if a match is found, it acknowledges the identification on the SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com