Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 70Page - STMicroelectronics STA369BW Datasheet HTML 71Page - STMicroelectronics STA369BW Datasheet HTML 72Page - STMicroelectronics STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics STA369BW Datasheet HTML 76Page - STMicroelectronics STA369BW Datasheet HTML 77Page - STMicroelectronics STA369BW Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Register description
STA369BW
74/88
Doc ID 022033 Rev 1
Figure 30.
EQDRC scheme
7.18.3
Extended post-scale range
Post-scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the coefficient RAM value, so post-scale can act as a gain too.
7.18.4
Extended attack rate
The attack rate shown in Table 65 can be extended to provide up to an 8 dB/ms attack rate
on both limiters.
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION
AM045195v1
PS48DB
Mode
0
Post-scale value is applied as defined in coefficient RAM
1
Post-scale value is applied with +48 dB offset with respect to the
coefficient RAM value
XAR1
Mode
0
Limiter1 attack rate is configured using Table 65
1
Limiter1 attack rate is 8 dB/ms
XAR2
Mode
0
Limiter2 attack rate is configured using Table 65
1
Limiter2 attack rate is 8 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com