Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 40Page - STMicroelectronics STA369BW Datasheet HTML 41Page - STMicroelectronics STA369BW Datasheet HTML 42Page - STMicroelectronics STA369BW Datasheet HTML 43Page - STMicroelectronics STA369BW Datasheet HTML 44Page - STMicroelectronics STA369BW Datasheet HTML 45Page - STMicroelectronics STA369BW Datasheet HTML 46Page - STMicroelectronics STA369BW Datasheet HTML 47Page - STMicroelectronics STA369BW Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Register description
STA369BW
44/88
Doc ID 022033 Rev 1
7.5.8
Soft-volume update enable
7.6
Configuration register F (addr 0x05)
7.6.1
Output configuration
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
Table 42.
Soft-volume update enable
Bit
R/W
RST
Name
Description
7R/W
1
SVE
1: Volume adjustments ramp according to SVR settings
0: Volume adjustments occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
01
01
11
0
0
Table 43.
Output configuration
Bit
R/W
RST
Name
Description
0
R/W
0
OCFG0
Selects the output configuration
1
R/W
0
OCFG1
Table 44.
Output configuration engine selection
OCFG[1:0]
Output configuration
Config pin
00
2-channel (full-bridge) power, 2-channel data-out:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
LineOut1
→ 3A/3B
LineOut2
→ 4A/4B
Line Out Configuration determined by LOC register
0
01
2(half-bridge).1(full-bridge) on-board power:
1A
→ 1A
Binary 0 °
2A
→ 1B
Binary 90°
3A/3B
→ 2A/2B Binary 45°
1A/B
→ 3A/B
Binary 0°
2A/B
→ 4A/B
Binary 90°
0
10
2-channel (full-bridge) power, 1-channel FFX:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
3A/3B
→ 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1-channel mono parallel:
3A
→ 1A/1B
w/ C3BO 45°
3B
→ 2A/2B
w/ C3BO 45°
1A/1B
→ 3A/3B
2A/2B
→ 4A/4B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com