Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 46Page - STMicroelectronics STA369BW Datasheet HTML 47Page - STMicroelectronics STA369BW Datasheet HTML 48Page - STMicroelectronics STA369BW Datasheet HTML 49Page - STMicroelectronics STA369BW Datasheet HTML 50Page - STMicroelectronics STA369BW Datasheet HTML 51Page - STMicroelectronics STA369BW Datasheet HTML 52Page - STMicroelectronics STA369BW Datasheet HTML 53Page - STMicroelectronics STA369BW Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Register description
STA369BW
50/88
Doc ID 022033 Rev 1
7.6.2
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and automatically
mutes if the signals are perceived as invalid.
7.6.3
Binary output mode clock loss detection
The BCLE bit detects loss of input MCLK in binary mode and will output 50% duty cycle.
7.6.4
LRCK double trigger protection
The LDTE bit actively prevents double triggering of the LRCLK.
7.6.5
Auto EAPD on clock loss
When active, the ECLE bit issues a power-stage device power-down signal (EAPD) on clock
loss detection.
7.6.6
IC power-down
The PWDN register is used to place the IC in a low-power state. When PWDN is written
as 0, the output begins a soft-mute. After the mute condition is reached, EAPD is asserted
Table 45.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
Setting of 1 enables the automatic invalid input detect mute
Table 46.
Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable
Table 47.
LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 48.
Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss
Table 49.
IC power-down
Bit
R/W
RST
Name
Description
7R/W
1
PWDN
0: IC power-down low-power condition
1: IC normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com