Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 35Page - STMicroelectronics STA369BW Datasheet HTML 36Page - STMicroelectronics STA369BW Datasheet HTML 37Page - STMicroelectronics STA369BW Datasheet HTML 38Page - STMicroelectronics STA369BW Datasheet HTML 39Page - STMicroelectronics STA369BW Datasheet HTML 40Page - STMicroelectronics STA369BW Datasheet HTML 41Page - STMicroelectronics STA369BW Datasheet HTML 42Page - STMicroelectronics STA369BW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
39/88
7.3
Configuration register C (addr 0x02)
7.3.1
FFX power output mode
The FFX power output mode selects how the FFX output timing is configured.
Different power devices use different output modes.
7.3.2
FFX compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
11
111
Table 22.
FFX power output mode
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of FFX output
1R/W
1
OM1
Table 23.
Output modes
OM[1,0]
Output stage mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)
Table 24.
FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2R/W
1
CSZ0
When OM[1,0] = 11, this register determines the
size of the FFX compensating pulse from 0 clock
ticks to 15 clock ticks.
3R/W
1
CSZ1
4R/W
1
CSZ2
5R/W
0
CSZ3
Table 25.
Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com