Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BW Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA369BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 67Page - STMicroelectronics STA369BW Datasheet HTML 68Page - STMicroelectronics STA369BW Datasheet HTML 69Page - STMicroelectronics STA369BW Datasheet HTML 70Page - STMicroelectronics STA369BW Datasheet HTML 71Page - STMicroelectronics STA369BW Datasheet HTML 72Page - STMicroelectronics STA369BW Datasheet HTML 73Page - STMicroelectronics STA369BW Datasheet HTML 74Page - STMicroelectronics STA369BW Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
STA369BW
Register description
Doc ID 022033 Rev 1
71/88
7.17
EQ coefficients and DRC configuration register (addr 0x31)
Bits AMGC[3:2] change the behavior of the bits AMGC[1:0] as given in Table 74 below.
When AMGC[3:2] = 01 then the bits 1:0 are defined as given here in Table 75.
The AC0, AC1, AC2 settings are designed for the loudspeaker protection function, limiting at
the minimum any audio artifacts introduced by typical anti-clipping/DRC algorithms. More
detailed information is available in the applications notes “Configurable output power rate
using STA335BW” and “STA335BWS vs STA335BW”.
The XOB bit can be used to bypass the crossover filters. Logic 1 means that the function is
not active. In this case, the high-pass crossover filter works as a pass-through on the data
path (b0 = 1, all the other coefficients at logic 0) while the low-pass filter is configured to
have zero signal on channel-3 data processing (all the coefficients are at logic 0).
D7
D6
D5
D4
D3
D2
D1
D0
XOB
Reserved
Reserved
AMGC[3]
AMGC[2]
Reserved
SEL[1]
SEL[0]
00
00
00
0
0
Table 73.
EQ RAM select
SEL[1:0]
EQ RAM bank selected
00/11
Bank 0 activated
01
Bank 1 activated
10
Bank 2 activated
Table 74.
Anti-clipping and DRC preset
AMGC[3:2]
Anti clipping and DRC preset selected
00
DRC/Anti-clipping behavior described in Table 54 on page 53 (default)
01
DRC/Anti-clipping behavior is described Table 75 on page 71
10/11
Reserved, do not use
Table 75.
Anti-clipping selection for AMGC[3:2] = 01
AMGC[1:0]
Mode
00
AC0, stereo anticlipping 0 dB limiter
01
AC1, stereo anticlipping +1.25 dB limiter
10
AC2, stereo anticlipping +2 dB limiter
11
Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com