Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 52Page - STMicroelectronics TDA7541B Datasheet HTML 53Page - STMicroelectronics TDA7541B Datasheet HTML 54Page - STMicroelectronics TDA7541B Datasheet HTML 55Page - STMicroelectronics TDA7541B Datasheet HTML 56Page - STMicroelectronics TDA7541B Datasheet HTML 57Page - STMicroelectronics TDA7541B Datasheet HTML 58Page - STMicroelectronics TDA7541B Datasheet HTML 59Page - STMicroelectronics TDA7541B Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Software specification
TDA7541B
56/77
Doc ID 16048 Rev 1
Table 29.
Addr 12 AM IF NB (AM B1h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
AINENA
-
-
-
-
-
-
-
0
AM IF noise blanker disable
1
AM IF noise blanker enable
AINTH<4:1>
0
0
0
0
not recommended
--
--
-
0
0
1
0
not recommended
0
1
0
0
AM IF NB Threshold 50 mV
-
-
-
0
1
0
1
-
AM IF NB Threshold 62.5 mV
--
--
-
1
0
0
0
AM IF NB Threshold 100 mV
--
--
-
1
1
1
1
AM IF NB Threshold 187.5 mV
AINT<6:5>
0
0
AM IF NB Time 8 µs
-
0
1
-
-
-
-
-
AM IF NB Time 11 µs
1
0
AM IF NB Time 14 µs
1
1
AM IF NB Time 17 µs
IFAGCS
0
-
-
-
-
-
-
-
Enable AM IFAGC threshold shift down (check address6)
1
Disable AM IFAGC threshold shift down
Table 30.
Addr 13 XTAL adjust(80h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
XTAL<4:0>
0000
0
CLoad 0pF
0000
1
CLoad 0.75 pF
-
-
-
0001
0
CLoad 1.5 pF
0001
1
CLoad 2.25 pF
0010
0
CLoad 3 pF
1111
0
CLoad 22.5 pF
1111
1
CLoad 23.25 pF
SL<7:5>
0
0
0
S meter slope FM = 0.75 V/20 dB, AM = 1.61 V/20 dB
0
0
1
S meter slope FM = 0.80 V/20 dB, AM = 1.75 V/20 dB
0
1
0
S meter slope FM = 0.85 V/20 dB, AM = 1.89 V/20 dB
0
1
1
-
-
-
-
-
S meter slope FM = 0.90 V/20 dB, AM = 1.98 V/20 dB
1
0
0
S meter slope FM = 0.95 V/20 dB, AM = 2.04 V/20 dB
1
0
1
S meter slope FM = 1.0 V/20 dB, AM = 2.1 V/20 dB
1
1
0
S meter slope FM = 1.05 V/20 dB, AM = 2.15 V/20 dB
1
1
1
S meter slope FM = 1.1 V/20 dB, AM = 2.20 V/20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com