Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 17Page - STMicroelectronics TDA7541B Datasheet HTML 18Page - STMicroelectronics TDA7541B Datasheet HTML 19Page - STMicroelectronics TDA7541B Datasheet HTML 20Page - STMicroelectronics TDA7541B Datasheet HTML 21Page - STMicroelectronics TDA7541B Datasheet HTML 22Page - STMicroelectronics TDA7541B Datasheet HTML 23Page - STMicroelectronics TDA7541B Datasheet HTML 24Page - STMicroelectronics TDA7541B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
TDA7541B
Electrical specifications and characteristics
Doc ID 16048 Rev 1
21/77
31.9
VHCHstep Step resolution
HCHT
7
8
9
%VREF1
31.10
VHCLmin Min. voltage for full high cut HCLT
6
11
16
%VHCH
31.11 VHCLmax Max. voltage for full high cut HCLT
28
33
38
%VHCH
31.12 VHCLstep Step resolution
HCLT
6.5
7.3
8.1
%VHCH
32. Carrier and harmonic suppression at the output
32.1
a19
Pilot signal f = 19 kHz
-
45
50
-
dB
32.2
a38
Subcarrier f = 38 kHz
-
-
75
-
dB
32.3
a57
Subcarrier f = 57 kHz
-
-
62
-
dB
32.4
a76
Subcarrier f = 76 kHz
-
-
90
-
dB
33. Intermodulation (1)
33.1
a2
fmod = 10 kHz, fspur =1 kHz -
-
65
-
dB
33.2
a3
fmod = 13 kHz, fspur =1 kHz -
-
75
-
dB
34. Traffic radio (2)
34.1
a57
Signal f = 57 kHz
-
65
70
-
dB
35. SCA (3)
35.1
a67
Signal f = 67 kHz
-
-
75
-
dB
36. ACI – adjacent channel interference (4)
36.1
a114
Signal f = 114 kHz
-
-
95
-
dB
36.2
a190
Signal f = 190 kHz
-
-
84
-
dB
37. FM noise blanker
37.1
VTRMIN
Min. trigger threshold (5)
VPEAK=0.8 V, NBLT “111”
-
147
-
mVOP
37.2
VTRMAX
Max. trigger threshold (5)
VPEAK=0.8 V, NBLT “000”
-
280
-
mVOP
37.3
VTRNOISE
Min. noise controlled
trigger threshold
VPEAK = 1.5 V, NBCT “11”
-
450
-
mVOP
37.4
VTRNOISE
Max. noise controlled
trigger threshold
VPEAK = 1.5 V, NBCT “00”
-
1200
-
mVOP
37.5
VPEAK
Peak voltage
NBRR “00”, VMPX = 0 mV
-
0.8
-
V
37.6
VPEAK
Peak voltage
NBRR “00”, VMPX = 50 mV,
f = 150 kHz
-1.9
-
V
37.7
VPEAK
Peak voltage
NBRR “00”, VMPX = 200 mV,
f = 150 kHz
-3.5
-
V
37.8
VPEAKDEV
Min. deviation dependent
peak voltage
VMPX = 500 mV,
NBDC = 11 (“OFF”)
-0.8
-
V
37.9
VPEAKDEV
Max. deviation dependent
peak voltage
VMPX = 500 mV, NBDC= 00
-
2.0
-
V
Table 8.
Stereo decoder section (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com