Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 20Page - STMicroelectronics TDA7541B Datasheet HTML 21Page - STMicroelectronics TDA7541B Datasheet HTML 22Page - STMicroelectronics TDA7541B Datasheet HTML 23Page - STMicroelectronics TDA7541B Datasheet HTML 24Page - STMicroelectronics TDA7541B Datasheet HTML 25Page - STMicroelectronics TDA7541B Datasheet HTML 26Page - STMicroelectronics TDA7541B Datasheet HTML 27Page - STMicroelectronics TDA7541B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
Electrical specifications and characteristics
TDA7541B
24/77
Doc ID 16048 Rev 1
3.3.5
PLL section
Tamb = 25 °C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5 V, fXtal = 10.25 MHz,
VMPX = 500 mVrms mono, f = 1 kHz, de-emphasis τ = 50 µs, in application circuit, unless
otherwise specified.
Table 9.
PLL section
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
40. Voltage controlled oscillator (VCO)
40.1
fVCOmin Min. VCO frequency
-
160
-
-
MHz
40.2
fVCOmax Max. VCO frequency
-
-
-
260
MHz
40.3
C/N
Carrier-to-noise-ratio
fVCO= 200 MHz, Δf=1 kHz,
B = 1 Hz, Qloaded=60
-80
-
dBc/
√Hz
41. Crystal oscillator
41.1
fxtal
Crystal frequency
-
-
10.25
-
MHz
41.2
C/N
Carrier-to-noise-ratio
fxtal =10.25 MHz, Δf=10 kHz
110
-
-
dBc/
√Hz
41.3
V29
Oscillator output voltage
-
-
400
-
mVrms
41.4
C29-32
Input capacitance
-
-
2.5
-
pF
41.5
Cstep
Min. cap. Step
XTAL
-
0.75
-
pF
41.6
Cmax
Max. cap.
XTAL
-
23.25
-
pF
41.7
Δf/f
Deviation versus VCC
Δ V
CC=1 V
-
1.5
-
ppm/V
41.8
Δf/f
Deviation versus T
-40 °C<T<+85 °C
-
0.2
-
ppm/K
42. Charge pump current
42.1
-I20
Source current
V20 = 2.5 V
-50
-
μA
42.2
I20
Sink current
-
50
-
μA
42.3
-I20
Source current
ICP, V20 = 2.5 V
-550
-
μA
42.4
I20
Sink current
-
500
-
μA
42.5
-I20
Source current
ICP, V20 = 2.5 V
-1-
mA
42.6
I20
Sink current
-
1
-
mA
42.7
-I20
Source current
-
1.9
-
mA
42.8
I20
Sink current
-
1.9
-
mA
43. Loop filter input/output
43.1
-IIN
Input leakage current
VIN = GND: PDOUT = Tristate
-0.1
-
0.1
μA
43.2
IIN
Input leakage current
VIN = VREF1 PDOUT = Tristate
-0.1
-
0.1
μA
43.3
VOL
Output voltage Low
IOUT = -0.2 mA
-
0.05
0.5
V
43.4
VOH
Output voltage High
IOUT = 0.2 mA
VCCVCO-
0.5
VCCVCO-
0.05
-V
43.5
IOUT
Output current, sink
VOUT = 1 V to VCCVCO-1 V
-
-
10
mA
43.6
IOUT
Output current, source
VOUT = 1 V to VCCVCO-1 V
-10
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com