Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 7Page - STMicroelectronics TDA7541B Datasheet HTML 8Page - STMicroelectronics TDA7541B Datasheet HTML 9Page - STMicroelectronics TDA7541B Datasheet HTML 10Page - STMicroelectronics TDA7541B Datasheet HTML 11Page - STMicroelectronics TDA7541B Datasheet HTML 12Page - STMicroelectronics TDA7541B Datasheet HTML 13Page - STMicroelectronics TDA7541B Datasheet HTML 14Page - STMicroelectronics TDA7541B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
TDA7541B
Electrical specifications and characteristics
Doc ID 16048 Rev 1
11/77
3.3.2
FM section
Tamb = 25 °C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5 V, fXtal = 10.25 MHz,
fRF = 98 MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified.
1.10
ICCVCO
Supply current
-
-
12
15
mA
1.11
ICCMIX1
Supply current
FM ON
-
32
40
mA
1.12
ICCMIX1
Supply current
AM ON
-
20
24
mA
1.13
ICCIF
Supply current
-
-
4
5
mA
2. Reference voltages
2.1
VREF1
Internal reference voltage
IREF1 = 0mA
4.855.2
V
2.2
VREF2
Internal reference voltage
IREF2 = 0mA
2.4
2.5
2.6
V
3. I2C bus interface
3.1
fSCL
Clock frequency
-
-
-
400
kHz
3.2
VIL
Input low voltage
-
-
-
1
V
3.3
VIH
Input high voltage
-
2
-
-
V
3.4
IIN
Input current
-
-5
-
5
µA
3.5
VO
Output acknowledge voltage
IO = 1.6mA
-
-
0.4
V
Table 5.
Globals (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
FM section
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
4. Wide band RF AGC
4.1
V8-10
Lower threshold start
V13 = 2.5 V, RFK “0”
-
79
-
dB
μV
4.2
V8-10
Upper threshold start
V13 = 2.5 V, RFK”0”
-
93
-
dB
μV
4.3
Δ V8-10 Control range RF KAGC
KAGC”000”, RFAGC”00”,
V37 = 3.0….3.7 V, RFK”1”
58
11
-
5. Narrow band IF and keying AGC
5.1
V61
Lower threshold start
KAGC = off, V8-10 = 0 mVRMS
-
82
-
dBµV
5.2
V61
Upper threshold start
KAGC = off, V8-10 = 0 mVRMS
-
94
-
dBµV
5.3
V61
Max. IFAGC threshold
with KAGC
KAGC”000”,IFAGC”00”,
V37 = 3.0 V
-
97
-
dBµV
5.4
V37
Start point KAGC
KAGC”000”,IFAGC”00”,
3.2
3.4
3.6
V
5.5
Δ V61
Control range IF KAGC
KAGC”000”,IFAGC”00”,
V37 = 3.2….3.9 V
12
15
18
dB
6. AGC time constant output
6.1
V13
Max. AGC output voltage
V8-10= 0 mVRMS
--
VREF1
+VBE
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com