Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 28Page - STMicroelectronics TDA7541B Datasheet HTML 29Page - STMicroelectronics TDA7541B Datasheet HTML 30Page - STMicroelectronics TDA7541B Datasheet HTML 31Page - STMicroelectronics TDA7541B Datasheet HTML 32Page - STMicroelectronics TDA7541B Datasheet HTML 33Page - STMicroelectronics TDA7541B Datasheet HTML 34Page - STMicroelectronics TDA7541B Datasheet HTML 35Page - STMicroelectronics TDA7541B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Functional description
TDA7541B
32/77
Doc ID 16048 Rev 1
rectifier is programmable (AINBT). A comparator activates a pulse generator. The duration
of this pulse is software programmable (AINT) and is smooth blanking out the spikes in mixer2.
4.2.1
Usage of control bit ADSEL (Addr23D7)
The control bit ADSEL can be used to increase the selectivity of the application in AM mode
and WB mode. In FM it has no function. Table 12 shows the functionality of the control bit.
4.3
Stereo decoder
4.3.1
Decoder
The stereo decoder-part of the TDA7541B contains all functions necessary to demodulate
the MPX-signal, like pilot tone-dependent MONO/STEREO switching as well as the stereo
blend and high cut.
Adaptations like programmable input gain, roll-off compensation, selectable de-emphasis
time constant and a programmable field strength input allow easy adoption to different
applications.
The 4th order input filter has a corner frequency of 80 kHz and is used to attenuate spikes
and noise and acts as an anti-aliasing filter for the following switch capacitor filters.
Demodulator
In the demodulator block the left and the right channel are separated from the MPX-signal.
In this stage also the 19 kHz pilot tone is canceled. For reaching a high channel separation
the TDA7541B offers an I2C bus programmable roll-off adjustment, which is able to
compensate the low pass behavior of the tuner section. Within the compensation range an
adjustment to obtain about 40 dB channel separation is possible. The bits for this
adjustment are located together with the level gain adjustment in one byte. This gives the
Table 13.
Usage of ADSEL
FMON
WBON
ADSEL
Note
Addr4D7 Addr11D1 Addr23D7
1
0
X
Standard FM mode
11
0
Weather band mode using 450 kHz ceramic filter;
ISS filter must be manually switched on in order to limit the band
width at 450 kHz IF (ISSENA/ISSON = "1");
450 kHz ceramic filter is switched in series to ISS filter to
increase selectivity
11
1
Standard weather band mode;
ISS filter must be manually switched on in order to limit the band
width at 450 kHz IF (ISSENA/ISSON = "1")
0
0
0
Standard AM mode
00
1
AM mode using ISS filter;
ISS filter (22 kHz band width) is switched in series to the 450 kHz
ceramic filter
01
X
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com