Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 18Page - STMicroelectronics TDA7541B Datasheet HTML 19Page - STMicroelectronics TDA7541B Datasheet HTML 20Page - STMicroelectronics TDA7541B Datasheet HTML 21Page - STMicroelectronics TDA7541B Datasheet HTML 22Page - STMicroelectronics TDA7541B Datasheet HTML 23Page - STMicroelectronics TDA7541B Datasheet HTML 24Page - STMicroelectronics TDA7541B Datasheet HTML 25Page - STMicroelectronics TDA7541B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Electrical specifications and characteristics
TDA7541B
22/77
Doc ID 16048 Rev 1
37.10
VPEAKFS
Min. fieldstrength
controlled peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFC = 11 (“OFF”)
-0.8
-
V
37.11
VPEAKFS
Max. fieldstrength
controlled peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFC = 00
-2.0
-
V
37.12
TS
Min. blanking time
Signal HOLDN in testmode,
NBT = 00
-38-
μs
37.13
TS
Max. blanking time
Signal HOLDN in testmode,
NBT = 11
-22-
μs
37.14
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC =0
-5-
mV/
μs
37.15
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC=1
-12-
mV/
μs
37.16 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=00
-
0.3
-
V/ms
37.17 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=01
-
1.8
-
V/ms
37.18 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=10
-
2.8
-
V/ms
37.19 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=11
-4-
V/ms
37.20
VADJMP
Noise rectifier adjustment
by multipath
Signal PEAK in testmode,
VMPTC=1V, NBSMP=0, NBMP=1,
NBRR=01
-3-
V/ms
37.21
VADJMP
Noise rectifier adjustment
by strong multipath
influence
Signal PEAK in testmode,
VMPTC = 1V, NBSMP = 1,
NBMP = 0, NBRR = 01
-4-
V/ms
37.22
VADJMP
Noise rectifier adjustment
by multipath and strong
multipath influence
Signal PEAK in testmode,
VMPTC=1 V, MBSMP=1,
NBMP=1, NBRR=01
-
5.2
-
V/ms
38. Multipath detector
38.1
GMP
Min. multipath gain
MPG = 00
5
6
7
dB
38.2
GMP
Max. multipath gain
MPG = 11
11
12
13
dB
38.3
GRECTMP Min. rectifier gain
MPRG = 01
-1
0
1
dB
38.4
GRECTMP Max. rectifier gain
MPRG = 11
5
7.6
9
dB
38.5
ICHMP
Rectifier charge current
MPCC = 0
0.5
0.8
1.1
μA
38.6
ICHMP
Rectifier charge current
MPCC = 1
0.2
0.4
0.7
μA
38.7
IDISMP
Rectifier discharge current
0.5
1
-
mA
39. Quality detector
39.1
a
Min. quality detector
coefficient
QDC
0.5
0.6
0.7
-
Table 8.
Stereo decoder section (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com