Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 9Page - STMicroelectronics TDA7541B Datasheet HTML 10Page - STMicroelectronics TDA7541B Datasheet HTML 11Page - STMicroelectronics TDA7541B Datasheet HTML 12Page - STMicroelectronics TDA7541B Datasheet HTML 13Page - STMicroelectronics TDA7541B Datasheet HTML 14Page - STMicroelectronics TDA7541B Datasheet HTML 15Page - STMicroelectronics TDA7541B Datasheet HTML 16Page - STMicroelectronics TDA7541B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
TDA7541B
Electrical specifications and characteristics
Doc ID 16048 Rev 1
13/77
10.6
V59
DC output voltage
-
-
VCCIF1/2
-
V
10.7
Gmin
Min. gain
IFG
-
9
-
dB
10.8
Gmax
Max. gain
IFG
-
21
-
dB
10.9
INOISE
Equivalent input noise
voltage
Gmax, Rgen=330 Ω, RL=330 Ω,
noise of Rgen not included
-
3.2
-
nV/
√Hz
10.10
CP1dB
1 dB compression point
referred to 330
Ω input, G
max
-99
-
dBµV
10.11
IIP3
3rd order Intermodulation
referred to 330
Ω input, G
max
-
130
-
dBµV
11. Mixer2 (450kHz)
11.1
RIN
Input resistance
Differential
240
300
360
Ω
11.2
CIN
Input capacitance
-
-
2.5
-
pF
11.3
V55.56
DC input voltage
-
3.7
4
4.3
V
11.4
ROUT
Output resistance
-
100
-
-
k
Ω
11.5
COUT
Output capacitance
-
-
2.5
-
pF
11.6
V52,53
DC output voltage
-
3.7
4
4.3
V
11.7
gm
Conversion
transconductance
WB Mode; referred to MIX2OUT
-
126
-
µA/V
11.8
G
Gain
FM Mode, referred to MIX2OUT
-
16
-
dB
11.9
Cstep
Min. cap. Step
IF2A
-
2.2
-
pF
11.10
Cmax
Max. cap.
IF2A
-
33
-
pF
11.11
INOISE
Equivalent input noise
voltage,
including buffer mixer2
Rgen = 330 Ω, IF2Q”10”
noise of Rgen not included
-15
-
nV/
√Hz
11.12
CP1dB
1dB compression point
referred to 330
Ω input,IF2Q”10”
-
116
-
dB
μV
11.13
IIP3
3rd order Intermodulation
referred to 330
Ω input,IF2Q”10”
-
132
-
dB
μV
12. Demodulator, audio output
12.1
THD
Total harmonic distortion
Dev.= 75 kHz, V56= 100 dBµV,
IF2Q”11”
-
0.1
0.3
%
12.2
aAM
AM suppression
V56 =100 dBµ, Δf = 40 KHz,
fmod =1 kHz,
fmod =1 kHz@AM, m =0.3 %
40
60
-
dB
12.3
VMPX
MPX output signal
Dev.= 75 kHz
440
500
560
mVRMS
12.4
ROUT
Output impedance
-
20
40
60
Ω
12.5
RLOAD
Load resistance
-
10
-
-
k
Ω
Table 6.
FM section (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com