Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 47Page - STMicroelectronics TDA7541B Datasheet HTML 48Page - STMicroelectronics TDA7541B Datasheet HTML 49Page - STMicroelectronics TDA7541B Datasheet HTML 50Page - STMicroelectronics TDA7541B Datasheet HTML 51Page - STMicroelectronics TDA7541B Datasheet HTML 52Page - STMicroelectronics TDA7541B Datasheet HTML 53Page - STMicroelectronics TDA7541B Datasheet HTML 54Page - STMicroelectronics TDA7541B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
TDA7541B
Software specification
Doc ID 16048 Rev 1
51/77
Table 23.
Addr 6 AGC (FM 06h, AM 2Ah)
Addr12 MSB
LSB
Function
d7
d7
d6
d5
d4
d3
d2
d1
d0
-
-
----
-
RFAGC<1:0>
0
0
RFAGC threshold FM V8-10= 80 dBµV, AM V3= 92 dBµV
0
1
RFAGC threshold FM V8-10= 84 dBµV, AM V3= 99 dBµV
1
0
RFAGC threshold FM V8-10= 88 dBµV, AM V3= 102 dBµV
1
1
RFAGC threshold FM V8-10= 92 dBµV, AM V3= 104 dBµV
IFAGC<3:2>
1
0
0
IFAGC threshold FM V61= 82 dBµV, AM V61= 89 dBµV
1
0
1
IFAGC threshold FM V61= 88 dBµV, AM V61= 95 dBµV
1
1
0
IFAGC threshold FM V61= 91 dBµV, AM V61= 99 dBµV
1
-
-
-
-
1
1
-
-
IFAGC threshold FM V61= 94 dBµV, AM V61= 102 dBµV
0
0
0
IFAGC threshold FM V61= 82 dBµV, AM V61= 79 dBµV
0
0
1
IFAGC threshold FM V61= 88 dBµV, AM V61= 85 dBµV
0
1
0
IFAGC threshold FM V61= 91 dBµV, AM V61= 89 dBµV
0
1
1
IFAGC threshold FM V61= 94 dBµV, AM V61= 92 dBµV
--
-
-
-
-
-
DAGC<5:4>
0
0
DAGC V56= 86 dBµ
0
1
DAGC V56= 91 dBµ
1
0
DAGC V56= 95 dBµ
1
1
DAGC V56= 98 dBµ
-
---
--
-
LNA<7:6>
00
I4 = 400 µA, V54 = 4.5 V, AM LNA Pin/FET mode ”OFF”
01
I4 = 400 µA + 50 µA, V54 = 3.5 V
10
I4 = 400 µA + 100 µA, V54 = 3.5 V
11
I4 = 400 µA + 100 µA, V54 = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com