Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 30Page - STMicroelectronics TDA7541B Datasheet HTML 31Page - STMicroelectronics TDA7541B Datasheet HTML 32Page - STMicroelectronics TDA7541B Datasheet HTML 33Page - STMicroelectronics TDA7541B Datasheet HTML 34Page - STMicroelectronics TDA7541B Datasheet HTML 35Page - STMicroelectronics TDA7541B Datasheet HTML 36Page - STMicroelectronics TDA7541B Datasheet HTML 37Page - STMicroelectronics TDA7541B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Functional description
TDA7541B
34/77
Doc ID 16048 Rev 1
10k between FSU pin and FSTC pin. The second stage is a programmable gain stage to
adapt the VFSTC signal internally. The gain (LG) is widely programmable in 16 steps from
0 dB to 8.25 dB (step=0.55dB). These 4 bits are located together with the Roll-Off
compensation bits in byte 14 to simplify a possible adaptation during the production of the car radio.
Stereo blend control
The stereo blend control block converts the internal LEVEL-voltage into a demodulator
compatible analog signal, which is used to control the channel separation between 0dB and
the maximum separation. Internally this control range has a fixed upper limit, which is the
internal reference voltage VREF1. The lower limit can be programmed between 29 and
58 % of VREF1 in 4 % steps. In order to adjust the external voltage VFSTC to the internal
control range two values must be defined: the Level gain LG and VSBL. Full channel
separation is reached when the internal level voltage (VST) becomes bigger than VREF1.
Therefore the following equation can be used to estimate the gain:
The MONO-voltage VMO (0dB channel separation) can be chosen selecting SBC.
Figure 4.
Programming of stereo blend
High cut control
The high cut control set-up is similar to the stereo blend control set-up: the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66 % of VREF1 whereas the range can be
set to be 11, 18.3, 25.7 or 33 % of VHCH.
4.3.2
Noise blanker
In the automotive environment spikes produced for example by the ignition or the wiper-
motor disturb the MPX-signal. The aim of the noise blanker part is to cancel the audible
influence of the spikes. Therefore the output of the stereo decoder is held at the actual
voltage for a time between 22 ms and 38 ms (programmable).
In a first stage the spikes must be detected but to avoid a wrong triggering on high
frequency (white) noise a complex trigger control is implemented. Behind the trigger stage a
pulse former generates the "blanking"-pulse. An own biasing circuit supplies the noise
blanker in order to avoid any cross talk to the signal path.
LG
V
REF1
V
FSTC @ fullstereo
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com