Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 12Page - STMicroelectronics TDA7541B Datasheet HTML 13Page - STMicroelectronics TDA7541B Datasheet HTML 14Page - STMicroelectronics TDA7541B Datasheet HTML 15Page - STMicroelectronics TDA7541B Datasheet HTML 16Page - STMicroelectronics TDA7541B Datasheet HTML 17Page - STMicroelectronics TDA7541B Datasheet HTML 18Page - STMicroelectronics TDA7541B Datasheet HTML 19Page - STMicroelectronics TDA7541B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Electrical specifications and characteristics
TDA7541B
16/77
Doc ID 16048 Rev 1
14.17
I30,31
Discharge current high
TISS, BWDEF = 0
11
15
19
µA
14.18
V30,31
Low voltage
BWDEF = 0
-
0.1
0.2
V
14.19
V30,31
High voltage
BWDEF = 1
4.6
4.9
-
V
ISS filter switch threshold
14.20
V30,31
Threshold ISS on
BWDEF = 0
-
3
-
V
14.21
V30,31
Threshold ISS off
BWDEF = 0
-
1
-
V
14.22
V30,31
Threshold ISS narrow on
BWDEF = 0
-
4
-
V
14.23
V30,31
Threshold ISS narrow off
BWDEF = 0
-
2
-
V
Deviation detection
14.24
I3
Charge current low
TDEV
-40
-32
-20
µA
14.25
I3
Charge current high
TDEV
-48
-39
-30
µA
14.26
I3
Discharge current low
TDEV
0.5
1
1.5
µA
14.27
I3
Discharge current high
TDEV
5.5
8
10.5
µA
14.28
DEVWTH Internal low threshold
DWTH, I3 = 1 µA
-
20
-
kHz
14.29
DEVWTH Internal high threshold
DWTH, I3 = 1 µA
-
50
-
kHz
14.30 RATIOmin Referred to threshold
DTH
-
1
-
14.31 RATIOmax Referred to threshold
DTH
-
1.5
-
15. Weak signal mute
15.1
V37
Upper start point
WMTH = 0, WMD = 7, VIN=V56,
AF = -3 dB
-2.9
-
V
15.2
V37
Lower start point
WMTH = 7, WMD = 7, VIN=V56,
AF = -3 dB
-2.7
-
V
15.3
aWMD
Min. mute depth
WMD = 0, WMTH = 7, V56 =OFF
10
14
-
dB
15.4
aWMD
Max. mute depth
WMD = 7, WMTH = 7, V56=OFF
22
26
-
dB
15.5
aMTHISS
Mute threshold below
WMTH for ISS filter “ON”
WMD, WMTH, VIN=V56
-1
-
dB
15.6
VACMTH
Internal AC mute
threshold
ACMTH
40
-
260
mV
15.7
aACMD
AC mute depth
ACMD
3
-
8
dB
15.8
I42
Charge current
-
-65
-47.5
-30
μA
15.9
I42
Discharge current
-
1.5
2.5
4
μA
16. Multiplexer output
16.1
V23
Output voltage low
-
-
0.1
0.2
V
16.2
V23
Output voltage high
-
4.6
4.9
-
V
16.3
ROUT
Output resistance
-
200
250
300
Ω
16.4
R23load
Load resistor
-
20
-
-
k
Ω
Table 6.
FM section (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com