Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 42Page - STMicroelectronics TDA7541B Datasheet HTML 43Page - STMicroelectronics TDA7541B Datasheet HTML 44Page - STMicroelectronics TDA7541B Datasheet HTML 45Page - STMicroelectronics TDA7541B Datasheet HTML 46Page - STMicroelectronics TDA7541B Datasheet HTML 47Page - STMicroelectronics TDA7541B Datasheet HTML 48Page - STMicroelectronics TDA7541B Datasheet HTML 49Page - STMicroelectronics TDA7541B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Software specification
TDA7541B
46/77
Doc ID 16048 Rev 1
PCM
Pilot cancellation mode
PH
IQ mixer phase adjust
PTH
Pilot detector threshold
QDC
Stereo decoder quality detector coefficient
QNG
Stereo decoder quality noise gain
RC
Tuner PLL reference counter
RFAGC
FM/AM RF AGC threshold
RFK
FM RF keying AGC
ROC
Stereo decoder roll off compensation
SACCT
Strong adjacent channel correction threshold
SACCE
Strong adjacent channel correction enable
SBC
Stereo blend control
SDM
Stereo decoder mute enable
SEEK
FM: FMON = 1, ISS time constant change / AM: FMON = 0, AGC2 time constant change
SL
S meter slope
SSTH
Field strength threshold for seek stop
SW
Free programmable switch
SWM
Free programmable switch mode
TDEV
Time constant for deviation detector
TISS
Time constant for ISS filter “ON”/”OFF”
TVM
Tuning voltage offset mode
TVO
Tuning voltage offset
TVO+
Additional fixed tuning voltage offset
VCOD
Tuner VCO divider
VCON
STD VCO “ON/OFF”
WBON
Weather band mode (ISS filter band width 24 kHz)
WMD
Weak signal mute depth
WMTH
Weak signal mute start point threshold
XTAL
Xtal frequency fine adjust
Table 15.
I2C control bit description (continued)
Register
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com