Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 65 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 65 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 61Page - STMicroelectronics TDA7541B Datasheet HTML 62Page - STMicroelectronics TDA7541B Datasheet HTML 63Page - STMicroelectronics TDA7541B Datasheet HTML 64Page - STMicroelectronics TDA7541B Datasheet HTML 65Page - STMicroelectronics TDA7541B Datasheet HTML 66Page - STMicroelectronics TDA7541B Datasheet HTML 67Page - STMicroelectronics TDA7541B Datasheet HTML 68Page - STMicroelectronics TDA7541B Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
TDA7541B
Software specification
Doc ID 16048 Rev 1
65/77
Table 39.
Addr 22 SD NB I (FM 05h, AM 04h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
NBENA
-
---
---
0
Audio noise blanker “OFF”
1
Audio noise blanker “ON”
NBT<2:1>
0
0
Audio noise blanking time 38 µs
-
-
-
-
-
0
1
-
Audio noise blanking time 25,5 µs
1
0
Audio noise blanking time 32 µs
1
1
Audio noise blanking time 22 µs
NBLT<5:3>
0
0
0
Noise blanker low threshold 280 mV
0
0
1
Noise blanker low threshold 261 mV
0
1
0
Noise blanker low threshold 242 mV
-
-
0
1
1
-
-
-
Noise blanker low threshold 223 mV
1
0
0
Noise blanker low threshold 204 mV
1
0
1
Noise blanker low threshold 185 mV
1
1
0
Noise blanker low threshold 166 mV
1
1
1
Noise blanker low threshold 147 mV
NBCT<7:6>
0
0
Noise blanker noise controlled threshold 1200 mV
0
1
-
-
-
-
-
-
Noise blanker noise controlled threshold 950 mV
1
0
Noise blanker noise controlled threshold 700 mV
1
1
Noise blanker noise controlled threshold 450 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com