Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541B Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 26Page - STMicroelectronics TDA7541B Datasheet HTML 27Page - STMicroelectronics TDA7541B Datasheet HTML 28Page - STMicroelectronics TDA7541B Datasheet HTML 29Page - STMicroelectronics TDA7541B Datasheet HTML 30Page - STMicroelectronics TDA7541B Datasheet HTML 31Page - STMicroelectronics TDA7541B Datasheet HTML 32Page - STMicroelectronics TDA7541B Datasheet HTML 33Page - STMicroelectronics TDA7541B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Functional description
TDA7541B
30/77
Doc ID 16048 Rev 1
4.1.5
Strong adjacent channel correction
Under strong adjacent channel it is possible to have disturbance of the audio signal created
by interference between ISS filter control (deviation detection) and adjacent channel mute.
The control bits SACCE and SACCT can be used to avoid this disturbance. If the function is
activated (SACCE = “1”) the IF counter together with the internal field strength is used to
suppress a malfunction of deviation detection. The bit SACCT is changing the sensitivity of
the SACC block (SACCT = “1” means higher sensitivity).
Figure 10 shows the ISS block diagram including the SACC function.
Note:
The IF counter must be switched ON if this function is used (Addr25D4 = “1”)
4.1.6
Weak signal mute
The filtered field strength signal (FSWO) is the reference for soft slope mute control in weak
signal condition to eliminate audible effects. The start point and mute depth are
programmable (WMTH, WMD) in a wide range. These settings together with FSWO bits are
influencing the weak signal mute behavior. The time constant is defined by external
capacitance at PIN 42. Additional adjacent channel mute function is supported. A high pass
filter with -3 dB threshold frequency of 100 kHz, amplifier and peak rectifier generates an
adjacent noise signal from Demodulator output. This value is compared with adjustable
threshold (ACMTH). For present strong adjacent channel the MPX signal is additional
attenuated (ACMD) and has the same time constant as weak signal mute.
Table 12.
ISS control modes
Input signals
Mode1
Mode2
ac
ac+
sm
dev
dev+
inton
int80
Function
inton
int80
Function
0000000
wide
0
0
wide
0001000
wide
0
0
wide
0001100
wide
0
0
wide
0010011
narrow
1
1
narrow
0011000
wide
1
0
mid
0011100
wide
0
0
wide
1000011
narrow
1
0
mid
1100011
narrow
1
1
narrow
1001010
mid
1
0
mid
1101110
mid
1
1
narrow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com