Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 96Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 97Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 98Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 99Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 100Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 101Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 102Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 103Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
SPC56xP54x, SPC56xP60x
Ordering information
Doc ID 18340 Rev 3
101/104
5
Ordering information
Figure 40. Ordering information scheme(g)
g.
Not all configurations are available on the market. Please contact your ST Sales Rappresentative to get the list of orderable
commercial part number.
Memory
Conditioning
Core Family
Y=Tray
R = Tape and Reel
X = Tape and Reel 90°
A=5V, 64 MHz
B = 3,3 V, 64 MHz
A = “Airbag” feature set
F = “Full feature” set
E = Data flash memory
B = –40 to 105 °C
C = –40 to 125 °C
L5 = LQFP144
L3 = LQFP100
60 = 1 MB
54 = 768 KB
P = SPC56xP54/60 family
A = Dual core e200z0h
0 = Single core e200z0h
SPC56 = Power Architecture in 90nm
Temperature
Package
Custom vers.
SPC56
60
Y
AP
C
L3
EFA
Example code:
Product identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com