Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 96Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 97Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 98Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 99Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 100Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 101Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 102Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 103Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
Revision history
SPC56xP54x, SPC56xP60x
102/104
Doc ID 18340 Rev 3
6
Revision history
Table 44 summarizes revisions to this document.
Table 44.
Document revision history
Date
Revision
Substantive changes
21-Dec-2010
1
Initial release
18-Oct-2011
2
In the Feature list:
Revised the first bullet.
Changed “Up to 82 GPIO” to “Up to 80 GPIO”
Changed “and 82 GPIO” to “and 49 GPIO”
Changed “FlexRay module“ to “1 FlexRay™ module”.
Added Section 1.5, Feature details
Table 4: SPC56xP54/60 series block summary, added FlexRay entry.
In the “LQFP176 pinout (top view)” figure:
– Pin 104 now is TDI, was PB[5]
– Pin 107 now is TDO, was PB[4]
– Pin 71 now is NC, was OKOUT
– Pin 72 now is NC, was OKOUT_B
– Pin 87 now is NC, was NBYPASS_HV
– Pin 88 now is NC, was IPP_LIVI_B_VDDIO
Table 7: Pin muxing:
PB[6] was clk_out_div5, is now clk_out_div256
Removed PB[4] and PB[5] rows
In the A[3] row, changed ABS[2] to ABS[1]
Section 3.11, DC electrical characteristics, added “Peripherals supply
current (5 V and 3.3 V)” table
Table 14: EMI testing specifications, removed all references to SAE
Replaced both Table 12: Thermal characteristics for 144-pin LQFP and
Table 13: Thermal characteristics for 100-pin LQFP
Table 30: PLLMRFM electrical specifications (VDDPLL = 1.08 V to
1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH), changed the max value
of fSYS from 120 to 64
Table 33: Program and erase specifications:
Removed all TBC
changed the initial max value of TBKPRG (Code Flash) from 3.3 to
6.6 s
changed the max value of TBKPRG (Data Flash) from 1.9 to 4.1 s
changed the max value of Twprogram (Data Flash) from 300 to 500 µs
Added tESRT row
Table 17: Voltage regulator electrical characteristics, updated
VDD_LV_REGCOR values
Updated Table 18: Low voltage monitor electrical characteristics
Updated Table 21: Supply current (5.0 V, NVUSRO[PAD3V5V]=0) and
Table 23: Supply current (3.3 V, NVUSRO[PAD3V5V]=1)
Removed “NVUSRO[OSCILLATOR_MARGIN] field description”
section.
Removed ordarable parts tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com