Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 96Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 97Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 98Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 99Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 100Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 101Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 102Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 103Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
SPC56xP54x, SPC56xP60x
Revision history
Doc ID 18340 Rev 3
103/104
15-May-2012
3
Removed “Enhanced Full-featured” version.
In the cover page, added “(1 × Master/Slave, 1 × Master Only)“ at the
end of the bullet “2 LINFlex modules (LIN 2.1)”
Table 2: SPC56xP54/60 device comparison, updated the value of
“LINFLEX module” to “2 (1 × Master/Slave, 1 × Master only)”
Section 1.5.4: On-chip flash memory with ECC
replaced two occurrences of “3 wait states” to “2 wait states”
replaced 60 MHz to 64 MHz
Section 1.5.21: Serial communication interface module (LINFlex),
updated first bullet to “Supports LIN Master mode (on both modules),
LIN Slave mode (on one module) and UART mode”
Section 1.5.24: Analog-to-digital converter (ADC), removed bullet
concerning the analog watchdogs from Normal mode features.
Table 5: Supply pins, removed VREG_BYPASS row.
Table 6: System pins:
added VREG_BYPASS row
added a footnote about RESET
Table 9: Absolute maximum ratings:
changed typical value of TVDD to 0.25 and added a footnote
added VINAN entry
Updated Section 3.8.1: Voltage regulator electrical characteristics
Updated Table 14: EMI testing specifications
Table 18: Low voltage monitor electrical characteristics, changed
maximum value of VMLVDDOK_H to 1.15
Table 20: DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V]=0),
added IPU and IPD rows for RESET pin.
Table 21: Supply current (5.0 V, NVUSRO[PAD3V5V]=0):
added maximum values of IDD_LV_CORE for: RUN, HALT, and STOP
mode
updated values and parameter classification of IDD_FLASH
Table 22: DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1),
added IPU and IPD rows for RESET pin.
Table 23: Supply current (3.3 V, NVUSRO[PAD3V5V]=1):
added maximum values of IDD_LV_CORE for: RUN, HALT, and STOP
mode
updated values and parameter classification of IDD_FLASH
Added Table 26: I/O consumption
Table 31: 16 MHz RC oscillator electrical characteristics, changed
minimum and maximum values of
RCMVAR respectively to -6 and 6.
Renamed Figure 16: Input equivalent circuit (precise channels) (was
“Input equivalent circuit”)
Added Figure 17: Input equivalent circuit (extended channels)
Section 3.15.1: Input impedance and ADC accuracy, updated
Equation 4 and Equation 10
Table 32: ADC conversion characteristics, added VINAN, CP3 and RSW2
rows
Table 44.
Document revision history (continued)
Date
Revision
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com