Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 5Page - STMicroelectronics STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
STLC3075
Functional description
9/36
4
Functional description
The STLC3075 is a device specifically developed for WLL VoIP and ISDN-TA applications. It
is based on a SLIC core, on purpose optimized for these applications, with the addition of a
DC/DC converter controller to meet the WLL and ISDN-TA design requirements.
The SLIC performs the standard feeding, signalling and transmission functions.
STLC3075 can be set in three different operating modes via the D0, D1, D2 pins of the
control logic interface (0 to 3.3 V logic levels). The loop status is carried out on the DET pin
(active low).
The DET pin is an open drain output to allow easy interfacing with both 3.3 V and 5 V logic
levels.
The four possible SLIC’s operating modes are:
Power down
High impedance feeding (HI-Z)
Active
Ringing
Table 6 shows how to set the different SLIC operating modes.
4.1
DC/DC converter
The DC/DC converter controller drives an external power MOS transistor N-Ch plus
transformer (Flyback configuration) or P-Ch plus inductor (Buckboost configuration), in order
to generate the negative battery voltage needed for the device operation.
The DC/DC converter controller is synchronized with an external CLK (125 kHz typ.) or with
an internal clock generated when the pin CLK is connected to CVCC. One RSENSE in series
to PGND supply (Flyback) or to VPOS supply (Buckboost) allows to fix the maximum allowed
input peak current.
This feature is implemented in order to avoid overload on VPOS supply in case of line
transient (ex. ring trip detection). The 110 m
Ω typical value guarantees an average current
consumption from VPOS < 700 mA for buckboost configuration. The 220 mΩ typical value
guarantees an average current consumption from VPOS < 800 mA for flyback configuration.
Table 6.
SLIC operating modes
PD
D0
D1
D2
Operating mode
00
0
X
Power down
1
0
0
X
H.I. feeding (HI-Z)
1
0
1
0
Active normal polarity
10
11
Active reverse polarity
1
1
1
0
Active TTX injection (N.P.)
1
1
1
1
Active TTX injection (R.P.)
1
1
0
0/1
Ring (D2 bit toggles @ fring)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com