Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STLC3075
Functional description
11/36
4.2.3
Active
DC characteristics & supervision
When this mode is selected the STLC3075 provides both DC feeding and AC transmission.
The STLC3075 feeds the line with a constant current fixed by RLIM (20 mA to 40 mA
range). The on-hook voltage is typically 40 V allowing on-hook transmission; the self
generated Vbat is -50 V typical.
If the loop resistance is very high and the line current cannot reach the programmed
constant current feed value, the STLC3075 behaves like a 40 V voltage source with a series
impedance equal to the protection resistors 2xRp (typ. 2x50
Ω). Figure 4. shows the typical
DC characteristics in active mode.
The line status (on/off hook) is monitored by the SLIC’S supervision circuit. The off-hook
threshold can be programmed via the external resistor RTH in the range from 5mA to 9mA.
Independently on the programmed constant current value, the TIP and RING buffers have a
current source capability limited to 80mA typical.
Figure 4.
DC characteristics in active mode
Moreover the power available at Vbat is controlled by the DC/DC converter that limits the
peak current drawn from the VPOS supply. The maximum allowed current peak is set by
RSENSE resistor.
IL
Ilim
VL
Vbat (-50V)
10V
2Rp
(20 to
40mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com