Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics STLC3075_09 Datasheet HTML 18Page - STMicroelectronics STLC3075_09 Datasheet HTML 19Page - STMicroelectronics STLC3075_09 Datasheet HTML 20Page - STMicroelectronics STLC3075_09 Datasheet HTML 21Page - STMicroelectronics STLC3075_09 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Application information
STLC3075
18/36
1.
CVPOS should be defined depending on the power supply current capability and maximum allowable ripple
2.
For low ripple application use 2x47m F in parallel.
3.
Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
4.
RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as shown in Table 11.
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR - 6 V typ.). This relation is valid
providing that the VPOS power supply current capability and the RSENSE programming allow to source all the current
requested by the particular ringer load configuration
5.
For high efficiency in HI-Z mode coil resistance @125kHz must be < 3
Ω.
Table 11.
VBAT values in RING and ACTIVE modes
267k
Ω
280k
Ω
294k
Ω
300k
Ω
VBAT (ACTIVE)
-46V
-48V
-49V
-50V
VBATR (RING)
-62V
-65V
-68V
-70V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com