Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics STLC3075_09 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Functional description
STLC3075
14/36
and ideal TTX echo cancellation), the metering pulse level on the line equals 1.33 or 2.66
times the level applied to the RTTX pin.
As already mentioned the metering pulse echo cancellation is obtained by means of two
external components (RTTX and CTTX) that should match the line impedance at the TTX
frequency. This simple network has a double effect:
●
it synthesizes a low output impedance at the TIP/RING pins at the TTX frequency
●
it cuts the eventual TTX echo that would have been transferred from the line to the TX
output
4.2.4
Ringing
When this mode is selected, the STLC3075 self generates a higher negative battery
(-70 V typ.) in order to allow a balanced ringing signal of typically 65 V peak.
In this condition both the DC and AC feedback loops are disabled and the SLIC line drivers
operate as voltage buffers. The ring waveform is obtained by toggling the D2 control bit at
the desired ring frequency. This bit in fact controls the line polarity (0=direct; 1= reverse). As
in the active mode the line voltage transition is performed with a ramp transition, obtaining in
this way a trapezoidal balanced ring waveform (see Figure 7). The shaping is defined by the
CREV external capacitor.
Figure 7.
TIP/RING typical ringing waveform
Selecting the proper capacitor value it is possible to get different crest factor values.
The following table shows the crest factor values obtained with a 20 Hz and 25 Hz ring
frequency and with 1REN. These value are valid either with European or USA specification:
The ring trip detection is performed by sensing the variation of the AC line impedance from
on-hook (relatively high) to off-hook (low). This particular ring trip method allows to operate
without DC offset superimposed on the ring signal and therefore obtaining the maximum
possible ring level on the load starting from a given negative battery.
It should be noted that such a method is optimized for operation on short loop applications
and may not operate properly in the case of long loop applications (> 500
Ω).
Table 9.
CREST factor values @ 20 and 25Hz
CREV
CREST factor @20Hz
CREST factor @25Hz
22 nF
1.2
1.26
27 nF
1.25
1.32
33 nF
1.33
Not significant(1)
1.
Distortion already less than 10%
GND
TIP
RING
dV/dT set
by CREV
2.5V typ.
65V
typ.
VBAT
2.5V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com