Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics STLC3075_09 Datasheet HTML 30Page - STMicroelectronics STLC3075_09 Datasheet HTML 31Page - STMicroelectronics STLC3075_09 Datasheet HTML 32Page - STMicroelectronics STLC3075_09 Datasheet HTML 33Page - STMicroelectronics STLC3075_09 Datasheet HTML 34Page - STMicroelectronics STLC3075_09 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
STLC3075
Electrical characteristics
31/36
Figure 19.
VTTX metering pulse level on line
Figure 20.
V2Wp and W4Wp: Idle channel sophometric noise at line and TX.
V2Wp = 20Log|Vl/0.774l|; V4Wp = 20Log|Vtx/0.774l|
TIP
RING
RX
TX
STLC3075
application
circuit
fttx (12 or 16kHz)
Vlttx
200ohm
CKTTX
TIP
RING
RX
TX
STLC3075
application
circuit
W&G GH1
Vl
psophometric
filtered
100
μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Vtx
psophometric
filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com